PART |
Description |
Maker |
SC16IS741IPW |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support Single UART with I2C-bus-SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support 1 CHANNEL(S), 5M bps, I2C BUS CONTROLLER, PDSO16
|
NXP Semiconductors N.V.
|
MAX3107 MAX3107EAG MAX3107ETG |
SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
|
Maxim Integrated Products
|
SC16IS74Q900 SC16IS74011 |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
|
NXP Semiconductors
|
XR20M1280 XR20M1280IL40-F XR20M1280IL40TR-F |
I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
|
Exar Corporation
|
CY8C28533-12AXQ |
Programmable System on a Chip; Voltage: 4.75V - 5.25V; GPIO: 40; Analog Blocks: 10; Digital Blocks: 12; Flash: 16KB; RAM: 1KB; Temp: Q; Comm: I2C, UART, SPI; Package: 44 TQFP MULTIFUNCTION PERIPHERAL, PQFP44
|
Cypress Semiconductor, Corp.
|
MAX9257A MAX9257AGCM MAX9257AGCV MAX9257AGTL MAX92 |
Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
|
Maxim Integrated Products
|
MAX9257GTL_V MAX9257 MAX9257GCM_V MAX9258 MAX9258G |
Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
|
Maxim Integrated Products
|
MAX3110E05 MAX3110ECNI MAX3111ECNI MAX3110E MAX311 |
SPI/MICROWIRE-Compatible UART and ±15kV ESDProtected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 卤15kV ESDProtected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 隆戮15kV ESDProtected RS-232 Transceivers with Internal Capacitors
|
Maxim Integrated Products
|
P80CL580 P83CL580 P8XCL580HFT P8XCL580HFH P80CL580 |
6 V, Low voltage 8-bit microcontroller with UART, I2C-bus and ADC Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
|
PHILIPS[Philips Semiconductors]
|
MAX3100 |
SPI Microwire-Compatible UART in QSOP-16
|
MAXIM - Dallas Semiconductor
|
SC18IM700IPW |
Master I2C-bus controller with UART interface
|
NXP Semiconductors
|
CR95HF |
13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial access
|
STMicroelectronics
|